PART |
Description |
Maker |
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
NCV47701PDAJR2G NCV47701DAJR2G |
5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
|
ON Semiconductor
|
OM1321NKM OM1321STM OM1321N2M OM1321NMM OM1321NTM |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator 高可靠性可调电压三端稳压器 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, CBCC3
|
International Rectifier, Corp. ETC[ETC] List of Unclassifed Manufacturers
|
MAX5087BATN |
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay FIXED/ADJUSTABLE POSITIVE REGULATOR, QCC56
|
Maxim Integrated Products, Inc.
|
TC1187VCT TC1070 TC1070VCT TC1071 TC1071VCT TC1187 |
The TC1070, TC1071, and TC1187 are adjustable LDOs designed to supersede a variety of older (bipolar) voltage regulators. Total supply current is typically 50A at full load, 20 to 60 times lower than in bipolar regulators! The devicesR 50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown (TC1071) Adjustable CMOS LDOs with Shutdown
|
MICROCHIP[Microchip Technology]
|
LM317 LM317BD2T LM317BT LM317_D ON0308 317B |
From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
|
ON Semiconductor
|
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|
SVR1038P |
10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR 1.2 V-32 V ADJUSTABLE POSITIVE REGULATOR, CSFM3
|
Solid State Devices, Inc.
|
MAX856-MAX859 MAX859CSA MAX859CUA MAX859ESA MAX859 |
3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 3.3V/5V or Adjustable-Output / Step-Up DC-DC Converters 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 3.3V/5V or Adjustable-Output Step-Up DC-DC Converters 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
MAX883MPA MAX883MPR MAX883C MAX883MPA/PR MAX883D |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.44 V DROPOUT, PDIP8 0.300 INCH, PLASTIC, MS-001AB, DIP-8
|
Maxim Integrated Products, Inc.
|